Part Number Hot Search : 
SR5000 001000 OVM4R 103K1000 B060007 48S15 L1302 PT8A990A
Product Description
Full Text Search
 

To Download XC610111C016EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6101~XC6107, XC6111~XC6117 Series
Voltage Detector (VDF=1.6V~5.0V)
ETR0207_010
The XC6101~XC6107, XC6111~XC6117 series are groups of high-precision, low current consumption voltage detectors with manual reset input and watchdog functions incorporating CMOS process technology. The series consist of a reference voltage source, delay circuit, comparator, and output driver. With the built-in delay circuit, the XC6101 ~ XC6107, XC6111 ~ XC6117 series do not require any external components to output signals with release delay time. Moreover, with the manual reset function, reset can be asserted at any time. The ICs produce two types of output; VDFL (low when detected) and VDFH (high when detected). With the XC6101 ~ XC6105, XC6111 ~ XC6115 series, the WD pin can be left open if the watchdog function is not used. Whenever the watchdog pin is opened, the internal counter clears before the watchdog timeout occurs. Since the manual reset pin is internally pulled up to the VIN pin voltage level, the ICs can be used by leaving the manual reset pin unconnected if the pin is unused. The detect voltages are internally fixed 1.6V ~ 5.0V in increments of 100mV, using laser trimming technology. Six watchdog timeout periods are available in a range from 6.25ms to 1.6s. Seven release delay times are available in a range from 3.13ms to 1.6s.
GENERAL DESCRIPTION
APPLICATIONS
Microprocessor reset circuits Memory battery backup circuits System power-on reset circuits Power failure detection
: 1.6V ~ 5.0V, +2% (100mV increments) Hysteresis Width : VDF x 5%, TYP. (XC6101~XC6107) VDF x 0.1%, TYP. (XC6111~XC6117) Operating Voltage Range : 1.0V ~ 6.0V Detect Voltage Temperature: +100ppm/OC (TYP.) Coefficient Output Configuration : N-channel open drain, CMOS Reset Output Options : VDFL (Low when detected) VDFH (High when detected) Watchdog Function : Watchdog input WD; If it remains ether high or low for the duration of the watchdog timeout period, a reset is asserted. Manual Reset Function : Manual Reset Input MRB; When it changes from high to low, a reset is asserted. Release Delay Time : 1.6s, 400ms, 200ms, 100ms, 50ms, 25ms, 3.13ms (TYP.) Watchdog Timeout Period : 1.6s, 400ms, 200ms, 100ms, 50ms, 6.25ms (TYP.) Detect Voltage Range Packages : SOT-25, USP-6C
FEATURES
TYPICAL APPLICATION CIRCUIT
V IN P V IN XC6101/XC6102
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs. Input Voltage
XC61X1~XC61X5 (2.7V) 30 Supply Current: ISS (A) 25 20 15 10 5 0 Ta=-40 Ta=25 Ta=85
Rpull RESETB INPUT I/O VS S
V IN
RESETB
MRB V SS
WD
* Not necessary with CMOS output products.
0
1
2 3 4 5 Input Voltage: VIN (V)
6
* `x' represents both `0' and `1'. (ex. XC61x1
XC6101 and XC6111)
1/27
XC6101~XC6107, XC6111~XC6117 Series
PIN CONFIGURATION
SOT-25
XC6101, XC6102 Series XC6111, XC6112 Series
VIN 5 WD 4
XC6103 & XC6113 Series
VIN 5 WD 4
XC6104, XC6105 Series XC6114, XC6115 Series
VIN 5 WD 4
XC6106, XC6107 Series XC6116, XC6117 Series
VIN 5 MRB 4
1 RESETB
2 VSS
3 MRB
1 RESET
2 VSS
3 MRB
1 RESETB
2
3
1 RESETB
2
3
VSS RESET
VSS RESET
SOT-25 (TOP VIEW)
SOT-25 (TOP VIEW)
SOT-25 (TOP VIEW)
SOT-25 (TOP VIEW)
USP-6C
XC6101, XC6102 Series XC6111, XC6112 Series
VIN 6 VSS 5 RESETB 4
1 WD 2 MRB 3 NC
XC6103 & XC6113 Series
XC6104, XC6105 Series XC6114, XC6115 Series
V IN 6 V SS 5 RESETB 4
1 WD 2 RESET 3 NC
XC6106, XC6107 Series XC6116, XC6117 Series
V IN 6 V SS 5 RESETB 4
1 MRB 2 RESET 3 NC
VIN 6 VSS 5 RESET 4
1 WD 2 MRB 3 NC
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
* The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No.5) pin.
PIN ASSIGNMENT
PIN NUMBER XC6101, XC6102 XC6103 XC6104, XC6105 XC6106, XC6107 PIN NAME XC6111, XC6112 XC6113 XC6114, XC6115 XC6116, XC6117 SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C 1 2 3 4 5 4 5 2 1 6 2 3 4 5 1 5 2 1 6 4 1 2 4 5 3 4 5 1 6 2 1 2 4 5 3 4 5 1 6 2 RESETB VSS MRB WD VIN RESET FUNCTION
Reset Output (VDFL: Low Level When Detected) Ground Manual Reset Watchdog Power Input Reset Output (VDFH: High Level When Detected)
2/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
PRODUCT CLASSIFICATION
Selection Guide
MANUAL RESET Available Available Available Not Available Not Available Available Available CMOS N-channel open drain CMOS N-channel open drain CMOS N-channel open drain RESET OUTPUT VDFL (RESETB) VDFH (RESET) CMOS CMOS CMOS CMOS CMOS
SERIES XC6101 XC6102 XC6103 XC6104 XC6105 XC6106 XC6107 XC6111 XC6112 XC6113 XC6114 XC6115 XC6116 XC6117
WATCHDOG Available Available Available Available Available Not Available Not Available
Ordering Information XC61
DESIGNATOR DESCRIPTION Hysteresis Width Functions and Type of Reset Output SYMBOL 0 1 1~7 A B C Release Delay Time * D E F H 0 1 Watchdog Timeout Period 2 3 4 5 6 Detect Voltage Packages Device Orientation 16 ~ 50 M E R L DESCRIPTION : VDF x 5% (TYP.) with hysteresis : VDF x 0.1% (TYP.) without hysteresis : Watchdog and manual functions, and reset output type as per Selection Guide in the above chart : 3.13ms (TYP.) : 25ms (TYP.) : 50ms (TYP.) : 100ms (TYP.) : 200ms (TYP.) : 400ms (TYP.) : 1.6s (TYP.) : No WD timeout period for XC6106, XC6107, XC6116, XC6117 Series : 6.25ms (TYP.) : 50ms (TYP.) : 100ms (TYP.) : 200ms (TYP.) : 400ms (TYP.) : 1.6s (TYP.) : Detect voltage ex.) 4.5V: : SOT-25 : USP-6C : Embossed tape, standard feed : Embossed tape, reverse feed 4, 5
* Please set the release delay time shorter than or equal to the watchdog timeout period. ex.) XC6101D427MR or XC6101D327MR
3/27
XC6101~XC6107, XC6111~XC6117 Series
BLOCK DIAGRAMS
XC6101, XC6111 Series
XC6102, XC6112 Series
XC6103, XC6113 Series
4/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
BLOCK DIAGRAMS (Continued)
XC6104, XC6114 Series
XC6105, XC6115 Series
XC6106, XC6116 Series
XC6107, XC6117 Series
5/27
XC6101~XC6107, XC6111~XC6117 Series
ABSOLUTE MAXIMUM RATINGS
Ta = 25OC PARAMETER SYMBOL VIN Input Voltage MRB WD Output Current CMOS Output Output Voltage N-ch Open Drain Output Power Dissipation SOT-25 USP-6C Operational Temperature Range Storage Temperature Range Topr Tstg RESETB Pd VSS -0.3 ~ 7.0 250 100 -40 ~ +85 -40 ~ +125
O
RATINGS VSS -0.3 ~ 7.0 VSS -0.3 ~ VIN +0.3 VSS -0.3 ~ 7.0 20 VSS -0.3 ~ VIN +0.3
UNITS V V V mA V
IOUT RESETB/RESET
mW C C
O
6/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
ELECTRICAL CHARACTERISTICS
XC6101~XC6107, XC6111~XC6117 Series
PARAMETER Detect Voltage Hysteresis Width XC6101~XC6107 (*1) Hysteresis Width XC6111~XC6117 (*2) SYMBOL VDFL VDFH VHYS VHYS
XC61X1/XC61X2/XC61X3 VIN=VDF(T)x0.9V XC61X4/XC61X5 (*3) (The MRB & the WD Pin: VIN=VDF(T)x1.1V No connection) VIN=6.0V
CONDITIONS
MIN. VDF(T) x 0.98 VDF x 0.02 0 1.0 0.15 2.0 3.0 3.5 4.4 2 13 25 60 120 240 960 2 13 25 60 120 240 960 -
TYP. VDF(T) VDF x 0.05 VDF x 0.001 5 10 12 4 8 10 0.5 2.5 3.5 4.0 - 1.1 4.9 - 0.08 - 0.50 - 0.75 - 0.95 +100 3.13 25 50 100 200 400 1600 3.13 25 50 100 200 400 1600 3
Supply Current
ISS
XC61X6/XC61X7 (The MRB Pin: No connection) Operating Voltage VIN N-ch. VDS = 0.5V CMOS, P-ch VDS = 0.5V N-ch VDS = 0.5V IROUT P-ch. VDS = 0.5V
(*3)
VIN=VDF(T)x0.9V VIN=VDF(T)x1.1V
VIN=6.0V
VDFL Output Current (RESETB)
IRBOUT
VIN=1.0V VIN=2.0V (VDFL(T)> 2.0V) VIN=3.0V (VDFL(T) >3.0V) VIN=4.0V (VDFL(T) >4.0V) VIN=6.0V VIN=6.0V VIN=1.0V VIN=2.0V (VDFH(T)> 2.0V) VIN=3.0V (VDFH(T)>3.0V) VIN=4.0V (VDFH(T)>4.0V)
MAX. VDF(T) x 1.02 VDF x 0.08 VDF x 0.01 11 16 18 10 14 16 6.0 -0.8 - 0.02 - 0.30 - 0.55 - 0.75 5 38 75 140 280 560 2240 5 38 75 140 280 560 2240 30
Ta = 25 OC UNITS CIRCUIT V V V
A
V
mA
VDFH Output Current (RESET) Temperature Coefficient
mA
VDF / Topr VDF
-40OC < Topr < 85 OC
ppm/ OC
Release Delay Time (VDF<1.8V)
TDR
Time until VIN is increased from 1.0V to 2.0V and attains to the release time level, and the Reset output pin inverts.
ms
Release Delay Time (VDF>1.9V)
TDR
Time until VIN is increased from 1.0V to (VDFx1.1V) and attains to the release time level, and the Reset output pin inverts.
ms
Detect Delay Time VDFL/VDFH CMOS Output Leak Current VDFL N-ch Open Drain Output Leak Current
TDF
Time until VIN is decreased from 6.0V to 1.0V and attains to the detect voltage level, and the Reset output pin detects while the WD pin left opened. VIN=6.0V, RESETB=6.0V (VDFL) VIN=6.0V, RESET=0V (VDFH) VIN=6.0V, RESETB=6.0V
s
ILEAK ILEAK
-
0.01 0.01
0.10
A A
NOTE: *1: XC6101~XC6107 (with hysteresis) *2: XC6111~XC6117 (without hysteresis) *3: `X' represents both `0' and `1'. (ex. XC61X1 XC6101 and XC6111) *4: VDF(T): Setting detect voltage *5: If only "VDF" is indicated, it represents both VDFL (low when detected) and VDFH (high when detected).
7/27
XC6101~XC6107, XC6111~XC6117 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6101~XC6105, XC6111~XC6115 Series
PARAMETER SYMBOL CONDITIONS Time until VIN increases form 1.0V to 2.0V and the Reset output pin is released to go into the detection state. (WD=VSS) MIN. 3.13 25 60 120 240 960 3.13 25 60 120 240 960 300 VIN x 0.7 0 - 19 315 TYP. 6.25 50 100 200 400 1600 6.25 50 100 200 400 1600 12 -12 500 MAX. 9.38 75 140 280 560 2240 9.38 75 140 280 560 2240 6 VIN x 0.3 19
-
Ta = 25 OC UNITS CIRCUIT
Watchdog Timeout Period (VDF<1.8V)
TWD
ms
Watchdog Timeout Period (VDF>1.9V)
TWD
Time until VIN increases form 1.0V to (VDFx1.1V) and the Reset output pin is released to go into the detection state. (WD=VSS) VIN=6.0V, Apply pulse from 6.0V to 0V to the WD pin. VIN=VDF x 1.1V ~ 6.0V VIN=VDF x 1.1V ~ 6.0V VIN=6.0V, VWD=6.0V (Avg. when peak ) VIN=6.0V, VWD=0V (Avg. when peak) VIN=6.0V, VWD=0V, RWD=VIN/ |IWD|
ms
Watchdog Minimum Pulse Width Watchdog High Level Voltage Watchdog Low Level Voltage Watchdog Input Current Watchdog Input Resistance
TWDIN VWDH VWDL IWD RWD
ns V V A k
880
XC6101 ~ XC6103, XC6106 ~ XC6107, XC6111 ~ XC6113, XC6116 ~ XC6117 Series PARAMETER MRB High Level Voltage MRB Low Level Voltage MRB Pull-up Resistance MRB Minimum (*3) Pulse Width XC6101~XC6105 XC6111~XC6115 MRB Minimum (*4) Pulse Width XC6106, XC6107 XC6116, XC6117 SYMBOL VMRH VMRL RMR TMRIN CONDITIONS VIN=VDFx1.1V ~ 6.0V VIN=VDFx1.1V ~ 6.0V VIN=6.0V, MRB=0V, RMR=VIN/ |IMRB| VIN=6.0V, Apply pulse from 6.0V to 0V to the MRB pin VIN=6.0V, Apply pulse from 6.0V to 0V to the MRB pin MIN. 1.4 0 1.6 2.8 TYP. 2.4 MAX. VIN 0.35 3.0 -
Ta = 25 OC UNITS CIRCUIT V M
s 1.2 -
TMRIN
NOTE: *1: VDF(T): Setting detect voltage *2: If only "VDF" is indicated, it represents both VDFL (low when detected) and VDFH (high when detected). *3: Watchdog function is available. *4: Watchdog function is not available.
8/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
OPERATIONAL EXPLANATION
The XC6101~XC6107, XC6111~XC6117 series compare, using the error amplifier, the voltage of the internal voltage reference source with the voltage divided by R1, R2 and R3 connected to the VIN pin. The resulting output signal from the error amplifier activates the watchdog logic, manual reset logic, delay circuit and the output driver. When the VIN pin voltage gradually falls and finally reaches the detect voltage, the RESETB pin output goes from high to low in the case of the VDFL type ICs, and the RESET pin output goes from low to high in the case of the VDFH type ICs. * VDFL (RESETB) type - output signal: Low when detected. The RESETB pin output goes from high to low whenever the VIN pin voltage falls below the detect voltage, or whenever the MRB pin is driven from high to low. The RESETB pin remains low for the release delay time (TDR) after the VIN pin voltage reaches the release voltage. If neither rising nor falling signals are applied to the WD pin within the watchdog timeout period, the RESETB pin output remains low for the release delay time (TDR), and thereafter the RESET pin outputs high level signal. * VDFH (RESET) type - output signal: High when detected. The RESET pin output goes from low to high whenever the VIN pin voltage falls below the detect voltage, or whenever the MRB pin is driven from high to low. The RESET pin remains high for the release delay time (TDR) after the VIN pin voltage reaches the release voltage. If neither rising nor falling signals are applied to the WD pin within the watchdog timeout period, the VOUT pin output remains high for the release delay time (TDR), and thereafter the RESET pin outputs low level signal. When the internal comparator output is high, the NMOS transistor connected in parallel to R3 is turned ON, activating the hysteresis circuit. The difference between the release and detect voltages represents the hysteresis width, as shown by the following calculations: VDF (detect voltage) = (R1+R2+R3) x Vref(R2+R3) VDR (release voltage) = (R1+R2) x Vref(R2) VHYS (hysteresis width)=VDR-VDF (V) VDR > VDF * Detect voltage (VDF) includes conditions of both VDFL (low when detected) and VDFH (high when detected). * Please refer to the block diagrams for R1, R2, R3 and Vref. Hysteresis width is selectable from VDF x 0.05V (XC6101~XC6107) or VDF x 0.001V (XC6111~XC6117). The XC6101~XC6107, XC6111~XC6117 series use a watchdog timer to detect malfunction or "runaway" of the microprocessor. If neither rising nor falling signals are applied from the microprocessor within the watchdog timeout period, the RESETB/RESET pin output maintains the detection state for the release delay time (TDR), and thereafter the RESET/RESETB pin output returns to the release state (Please refer to the FUNCTION CHART). The timer in the watchdog is then restarted. Six watchdog timeout period settings are available in 1.6s, 400ms, 200ms, 100ms, 50ms, 6.25ms. Using the MRB pin input, the RESET/RESETB pin signal can be forced to the detection state. When the MRB pin is driven from high to low, the RESETB pin output goes from high to low in the case of the VDFL type ICs, and the RESET pin output goes from low to high in the case of the VDFH type. Even after the MRB pin is driven back high, the RESET/RESETB pin output maintains the detection state for the release delay time (TDR). Since the MRB pin is internally pulled up to the VIN pin voltage level, leave the MRB pin open if unused (Please refer to the FUNCTION CHART). A diode, which is an input protection element, is connected between the MRB pin and VIN pin. Therefore, if the MRB pin is applied voltage that exceeds VIN, the current will flow to VIN through the diode. Please use this IC within the stated maximum ratings (VSS -0.3 ~ VIN +0.3) on the MRB pin. Release delay time (TDR) is the time that elapses from when the VIN pin reaches the release voltage, or when the watchdog timeout period expires with no rising signal applied to the WD pin, until the RESET/RESETB pin output is released from the detection state. Seven release delay time (TDR) watchdog timeout period settings are available in 1.6s, 400ms, 200ms, 100ms, 50ms, 25ms, 3.13ms. Detect Delay Time (TDF) is the time that elapses from when the VIN pin voltage falls to the detect voltage until the RESET/ RESETB pin output goes into the detection state.
9/27
XC6101~XC6107, XC6111~XC6117 Series
TIMING CHARTS
CMOS Output
TDF (CMOS Output)
VIN VDFL Level
6.0V
VIN Pin Wave Form
1.0V GND TDF VIN Level VDFL Level VIN x 0.1V GND 0.6V RESETB Pin Wave Form (VDFL)
10/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
NOTES ON USE
1. Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent damage to the device. 2. When a resistor is connected between the VIN pin and the input, the VIN voltage drops while the IC is operating and a malfunction may occur as a result of the IC's through current. For the CMOS output products, the VIN voltage drops while the IC is operating and malfunction may occur as a result of the IC's output current. Please be careful with using the XC6111~XC6117 series (without hysteresis). 3. In order to stabilize the IC's operations, please ensure that the VIN pin's input frequency's rise and fall times are more than 1 s/V. 4. Noise at the power supply may cause a malfunction of the watchdog operation or the circuit. In such case, please strength the line between VIN and the GND pin and connect about 0.22 F of a capacitor between the VIN pin and the GND pin. 5. Protecting against a malfunction while the watchdog time out period, an ignoring time (no reaction time) occurs to the rise and fall times. Referring to the figure below, the ignoring time (no reaction time) lasts for 900 s at maximum. 6. The watchdog function can be disabled by connecting a three-state device to the WDI pin as a result of the high impedance state of the WDI pin. This is effective when the watchdog function is not required, for example, during data loading to the CPU. The WDI input is internally driven through a buffer (LOGIC) and series resistor (RWD) from the watchdog counter as showed in the block diagrams of page 4 and 5. The WDI input is designed for minimizing the input current by placing the series resistor (RWD) in the maximum resistance of 880k . A voltage drop occurs in proportion to the leakage current of the three-state device multiplied by the resistance value of the series resistor (RWD) when the three-state device is in the state of high impedance. The voltage level must be reaching the threshold level of the WD so that a three-state device with small leakage current should be selected. The other series is available in the name of XC6121~XC6124 with the ON/OFF control pin for the watchdog function. When these series is used, external parts such as the three-state device is not required. No Reaction Time
No reaction time (MAX 900 s)
No reaction time (MAX 900 s)
11/27
XC6101~XC6107, XC6111~XC6117 Series
PIN LOGIC CONDITIONS
PIN NAME VIN MRB LOGIC H L H L H L L H H L CONDITIONS VIN>VDF+VHYS VIN1.40V MRB<0.35V When keeping WD>VWDH more than TWD When keeping WD300ns VWDH VWDH, TWDIN>300ns
NOTE: *1: If only "VDF" is indicated, it represents both VDFL (low when detected) and VDFH (high when detected). *2: For the details of each parameter, please see the electrical characteristics. VDF: Detect Voltage VHYS: Hysteresis Width VWDH: WD High Level Voltage VWDL: WD Low Level Voltage TWDIN: WD Pulse Width TWD: WD Timeout Period
WD
FUNCTION CHART
XC6101/XC61111, XC6102/6112 Series VIN MRB WD H H H L H or Open H Open H L H H H L H L *1 L XC6103/XC61113 Series VIN H H H H H H L MRB WD H L Open L H H L *1 RESETB (*3) Repeat detect and release (L L H L) RESETB (*2) Repeat detect and release (H H L H)
L
H or Open
L
H
XC6104/XC61114, XC6105/XC6115 Series VIN WD RESETB (*2) H H Repeat detect and release (H H L H Open H H L H H H L H *1 L L XC6106/XC61116, XC6107/XC6117 Series VIN H H L MRB H or Open L
RESET (*3) L H) Repeat detect and release (L H L) L
H
RESETB (*2) H L
RESET (*3) L H
*1: Including all logic of WD (WD=H, L, L H, H L, OPEN). *2: When the RESETB is High, the circuit is in the release state. When the RESETB is Low, the circuit is in the detection state. *3: When the RESET is High, the circuit is in the release state. When the RESET is Low, the circuit is in the detection state. *4: VIN=L and MRB=H can not be combined for the rated input voltage of the MRB pin is Vss-0.3V to VIN+0.3V. *5: The RESET/RESETB pin becomes indefinite operation while 0.35V12/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
TEST CIRCUITS
Circuit 1 Circuit 2
Circuit 3
Circuit 4
13/27
XC6101~XC6107, XC6111~XC6117 Series
TEST CIRCUITS (Continued)
Circuit 5
Circuit 6
Circuit 7
14/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
TEST CIRCUITS (Continued)
Circuit 8 Circuit 9
100k (Not used when the CMOS Output products selected.)
Circuit 10
Circuit 11
15/27
XC6101~XC6107, XC6111~XC6117 Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1.1) Supply Current vs. Input Voltage
XC61X1~XC61X5 (1.6V) 30 30 XC61X1~XC61X5 (2.7V)
Supply Current: ISS ( A) Supply Current: ISS (A)
Supply Current: ISS ( A) Supply Current: ISS (A)
25 20 15 10 5 0 0 1 2 3 4 5 Input Input Voltage: VIN(V) VIN (V) XC61X1~XC61X5 (5.0V) 30 6 Ta=-40 Ta=25 Ta=85
25 20 15 10 5 0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN (V) 6 Ta=-40 Ta=25 Ta=85
Supply Current: ISS A) Supply Current: ISS ( (A)
25 20 15 10 5 0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN(V) 6 Ta=25 Ta=85
Ta=-40
(1.2) Supply Current vs. Input Voltage
XC61X6~XC61X7 (1.6V) 30 30 XC61X6~XC61X7 (2.7V)
Supply Current: ISS (A) Current: ISS ( A)
20 15 10 5 0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN (V) 6 Ta=25 Ta=85
Supply Current: ISS ( A) Supply Current: ISS (A)
25
25 20 15 10 5 0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN (V) 6
Ta=25 Ta=85
Ta=-40
Ta=-40
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
16/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1.2) Supply Current vs. Input Voltage (Continued)
XC61X6~XC61X7 (5.0V) 30
Supply Current: ISS (A) Supply Current: ISS ( A)
25 20 15 10 5 Ta=-40 0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN(V) 6 Ta=25 Ta=85
(2) Detect, Release Voltage vs. Ambient Temperature
XC61X1~XC61X7 (1.6V) 1.70 2.90 Detect, Release Voltage: VDF,VDR (V) XC61X1~XC61X7 (2.7V)
Detect, Release Voltage: VDF, VDR (V) Detect, Release Voltage: VDF,VDR
1.65
VDR
2.80
VDR
1.60
2.70
VDF 1.55 -50 -25 0 25 50 75 Ambient Temperature: Ta (( )) Temperature: Ta Ambient 100
VDF 2.60 -50 -25 0 25 50 75 Ambient Temperature: Ta ( Ambient Temperature: Ta ( )) 100
XC61X1~XC61X7 (5.0V) 5.30 Detect, Release Voltage: VDF,VDR (V) Detect, Release Voltage: VDF, VDR (V)
5.20
VDR
5.10
5.00 VDF 4.90 -50 -25 0 25 50 75 Ambient Temperature: Ta (( )) Temperature: Ta 100
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
17/27
XC6101~XC6107, XC6111~XC6117 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3.1) Output Release Voltage vs. Input Voltage (3-1) Detect, Voltage vs. Input Voltage (VDFL) (VDFL)
XC6101~XC6107 (1.6V) Detect, Release Voltage:VDFL,VDR(V) Detect, Release Voltage: VDFL, VDR (V) Rpull:100k Ta=-40 25 85 VDF VDR XC6101~XC6107 (2.7V)
Detect, Release Voltage: VDFL, VDR (V) Detect, Release Voltage:VDFL,VDR(V)
2.0
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 1 2 Input Input Voltage: VIN(V) VIN (V) 3 Rpull:100k Ta=-40 25 85 VDF VDR
1.5
1.0
0.5
0.0 0 1 Input Input Voltage: VIN (V) VIN (V) 2
XC6101~XC6107 (5.0V)
Detect, Release Voltage:VDFL,VDR(V) Detect, Release Voltage: VDFL, VDR (V)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN(V) 6 Rpull:100k Ta=-40 25 85 VDF VDR
(3.2) Detect, Release Voltage vs. Input Voltage (VDFH)
XC6103~XC6107 (1.6V) XC6103~XC6107 (2.7V)
Detect, ReleaseVoltage:VDR,VDFH(V) (V) Detect,Release Voltage: VDR, VDFH
2.0 Rpull:100k Ta=-40 25 85 VDF VDR
Detect, ReleaseVoltage:VDR,VDFH(V)(V) Detect,Release Voltage: VDR, VDFH
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 1 2 Input Voltage: VIN(V) Input Voltage: VIN (V) 3 Rpull:100k Ta=-40 25 85 VDF VDR
1.5
1.0
0.5
0.0 0 1 Input Voltage: VIN (V) Input Voltage: VIN(V) 2
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
18/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3.2) Detect, Release Voltage vs. Input Voltage (VDFH) (Continued)
XC6103~XC6107 (5.0V)
Detect, Release Voltage: VDR, VDFH (V) Detect,Release Voltage:VDR,VDFH(V)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0 1 2 3 4 5 Input Voltage: VIN (V) Input Voltage: VIN (V) 6 Rpull:100k Ta=-40 25 85 VDF VDR
(4) N-ch Driver Output Current vs. VDS
XC61X1~XC61X7 6 Ta=25 Output Current: IOUT (mA) Output Current: IOUT (mA) 5 4 3 2 1 0 0 1 VDS (V) 2 3 VIN=2.0V 16 20 Ta=25 VIN=4.0V XC61X1~XC61X7
12
VIN=3.0V
8 4
VIN=1.0V 0 0 1 2 3 4 VDS (V) 5 6
(5) N-ch Driver Output Current vs. Input Voltage
XC61X1~XC61X7 6.0 VDS=0.5V Output Current: IOUT (mA) 5.0 4.0 3.0 2.0 1.0 0.0 0 1 2 3 4 5 Input Voltage: VIN (V) 6 Ta=85 Ta=-40 Ta=25
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
19/27
XC6101~XC6107, XC6111~XC6117 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) P-ch Driver Output Current vs. Input Voltage 1
XC61X1, XC61X3~XC61X7 6.0 Ta=25 Output Current: IOUT (mA) VDS=2.0V 4.0 1.5V 3.0 1.0V 2.0 0.5V 1.0 0.0 0 1 2 3 4 5 Input Voltage: VIN (V) 6 Output Current: IOUT (mA) 5.0 1.6 Ta=-40 Ta=25 Ta=85 0.4 2.0 VDS=0.5V
(7) P-ch Driver Output Current vs. Input Voltage 2
XC61X1, XC61X3~XC61X7
1.2
0.8
0.0 0 1 2 3 4 5 Input Voltage: VIN (V) 6
(8) Release Delay Time vs. Ambient Temperature
XC61X1~XC61X7 6.0 300 XC61X1~XC61X7
Release Delay Time TDR (ms) Release Delay Time TDRmsec
5.0 4.0 3.0 2.0 1.0 0.0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100
Release Delay Time TDR (ms) Release Delay Time TDRmsec
TDR=3.13msec
TDR=100msec 250 200 150 100 50 0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100
XC61X1~XC61X7 3000
Release Delay Time TDR (ms) Release Delay Time TDRmsec
TDR=1.6sec 2500 2000 1500 1000 500 0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta ( )
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
20/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Watchdog Timeout Period vs. Ambient Temperature
XC61X1~XC61X5 12 300 XC61X1~XC61X5
WD Timeout Period TWD (ms) WD Timeout Piriod TWD msec
WD Timeout Period TWD (ms) WD Timeout Piriod TWD msec
TW D=6.25msec TWD=6.25ms 10 8 6 4 2 0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100
TW D=100msec TWD=100ms 250 200 150 100 50 0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100
XC61X1~XC61X5 3000
WD Timeout Period TWD (ms) WD Timeout Piriod TWD msec
TW D=1.6sec TWD=1.6s 2500 2000 1500 1000 500 0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100
(10) Release Delay Time vs. Input Voltage
XC61x1~XC61x7 120
(11) Watchdog Timeout Period vs. Input Voltage
XC61x1~XC61x5 120
Release Delay Time TDR (ms) Release Delay Time : TDR msec
WD Timeout Period TWD (ms) WD Timeout Piriod : TWD msec
110 100 90 80 70 60 1
Ta=25 Ta=25 TDR=100msec
TWD=100ms
110 100 90 80 70 60
Ta=25 Ta=25 TW D=100msec
TWD=100ms
2
3 4 5 6 Input Voltage: VIN (V)
7
1
2
3 4 5 6 Input Voltage: VIN (V)
7
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
21/27
XC6101~XC6107, XC6111~XC6117 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Watchdog Low Level Voltage vs. Ambient Temperature
XC61X1~XC61X5 6.0 5.0 4.0 3.0 2.0 1.0 VIN=1.76V 0.0 -50 -25 0 25 50 75 100 Ambient Temperature: Ta ( ) VIN=6.0V VIN=3.0V WD HighLevel Threshold Voltage VWDH(V) WD LowLevel Threshold Voltage VWDL(V) 6.0 5.0 4.0 3.0 VIN=3.0V 2.0 1.0 VIN=1.76V 0.0 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100 VIN=6.0V
(13) Watchdog High Level Voltage vs. Ambient Temperature
XC61X1~XC61X5
(14) MRB Low Level Voltage vs. Ambient Temperature
XC61X1~XC61X3, XC61X6~XC61X7 1.10 MRB LowLevel Threshold Voltage VMRL(V) 1.00 0.90 VIN=3.0V 0.80 0.70 0.60 VIN=1.76V 0.50 -50 -25 0 25 50 75 100 Ambient Temperature: Ta ( ) VIN=6.0V
(15) MRB High Level Voltage vs. Ambient Temperature
XC61X1~XC61X3, XC61X6~XC61X7 1.10 MRB HighLevel Threshold Voltage VMRH(V) 1.00 0.90 0.80 VIN=3.0V 0.70 0.60 0.50 -50 -25 0 25 50 75 100 Ambient Temperature: Ta ( ) VIN=1.76V VIN=6.0V
* `X' represents both `0' and `1'. (ex. XC61X1
XC6101 and XC6111)
22/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
PACKAGING INFORMATION
SOT-25
USP-6C
23/27
XC6101~XC6107, XC6111~XC6117 Series
PACKAGING INFORMATION (Continued)
USP-6C Recommended Pattern Layout USP-6C Recommended Metal Mask Design
24/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
MARKING RULE
SOT-25
Represents product series MARK PRODUCT SERIES 0 XC6101xxxxxx 1 XC6102xxxxxx 2 XC6103xxxxxx 3 XC6104xxxxxx 4 XC6105xxxxxx 5 XC6106xxxxxx 6 XC6107xxxxxx MARK 7 8 9 A B C D PRODUCT SERIES XC6111xxxxxx XC6112xxxxxx XC6113xxxxxx XC6114xxxxxx XC6115xxxxxx XC6116xxxxxx XC6117xxxxxx
SOT-25 (TOP VIEW)
Represents release delay time and watchdog timeout period RELEASE RELEASE WATCH DOG PRODUCT WATCH DOG MARK MARK DELAY DELAY TIMEOUT PERIOD SERIES TIMEOUT PERIOD TIME TIME A 3.13ms XC61X6, XC61X7 series XC61xxA0xxxx E 50ms 400ms 0 3.13ms 6.25ms XC61xxA1xxxx F 50ms 1.6s 1 3.13ms 50ms XC61xxA2xxxx D 100ms XC61X6, XC61X7 series 2 3.13ms 100ms XC61xxA3xxxx H 100ms 100ms 3 3.13ms 200ms XC61xxA4xxxx K 100ms 200ms 4 3.13ms 400ms XC61xxA5xxxx L 100ms 400ms 5 3.13ms 1.6s XC61xxA6xxxx M 100ms 1.6s B 25ms XC61X6, XC61X7 series XC61xxB0xxxx E 200ms XC61X6, XC61X7 series 6 25ms 50ms XC61xxB2xxxx P 200ms 200ms 7 25ms 100ms XC61xxB3xxxx R 200ms 400ms 8 25ms 200ms XC61xxB4xxxx S 200ms 1.6s 9 25ms 400ms XC61xxB5xxxx F 400ms XC61X6, XC61X7 series A 25ms 1.6s XC61xxB6xxxx T 400ms 400ms C 50ms XC61X6, XC61X7 series XC61xxC0xxxx U 400ms 1.6s B 50ms 50ms XC61xxC2xxxx H 1.6s XC61X6, XC61X7 series C 50ms 100ms XC61xxC3xxxx V 1.6s 1.6s D 50ms 200ms XC61xxC4xxxx
PRODUCT SERIES XC61xxC5xxxx XC61xxC6xxxx XC61xxD0xxxx XC61xxD3xxxx XC61xxD4xxxx XC61xxD5xxxx XC61xxD6xxxx XC61xxE0xxxx XC61xxE4xxxx XC61xxE5xxxx XC61xxE6xxxx XC61xxF0xxxx XC61xxF5xxxx XC61xxF6xxxx XC61xxH0xxxx XC61xxH6xxxx
Represents detect voltage MARK DETECT VOLTAGE F 1.6 H 1.7 K 1.8 L 1.9 M 2.0 N 2.1 P 2.2 R 2.3 S 2.4 T 2.5 U 2.6 V 2.7 X 2.8 Y 2.9 Z 3.0 0 3.1 1 3.2 2 3.3
PRODUCT SERIES XC61Xxxx16xx XC61Xxxx17xx XC61Xxxx18xx XC61Xxxx19xx XC61Xxxx20xx XC61Xxxx21xx XC61Xxxx22xx XC61Xxxx23xx XC61Xxxx24xx XC61Xxxx25xx XC61Xxxx26xx XC61Xxxx27xx XC61Xxxx28xx XC61Xxxx29xx XC61Xxxx30xx XC61Xxxx31xx XC61Xxxx32xx XC61Xxxx33xx
MARK 3 4 5 6 7 8 9 A B C D E F H K L M
DETECT VOLTAGE 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
PRODUCT SERIES XC61Xxxx34xx XC61Xxxx35xx XC61Xxxx36xx XC61Xxxx37xx XC61Xxxx38xx XC61Xxxx39xx XC61Xxxx40xx XC61Xxxx41xx XC61Xxxx42xx XC61Xxxx43xx XC61Xxxx44xx XC61Xxxx45xx XC61Xxxx46xx XC61Xxxx47xx XC61Xxxx48xx XC61Xxxx49xx XC61Xxxx50xx
Represents production lot number 0 to 9 and A to Z and inverted 0 to 9 and A to Z repeated. (G, I, J, O, Q, W expected.) * `X' represents both `0' and `1'. (ex. XC61X1 XC6101 and XC6111)
25/27
XC6101~XC6107, XC6111~XC6117 Series
MARKING RULE (Continued)
USP-6C
Represents product series MARK PRODUCT SERIES 3 XC6101xxxxxx 4 XC6102xxxxxx 5 XC6103xxxxxx 6 XC6104xxxxxx 7 XC6105xxxxxx 3 XC6106xxxxxx 4 XC6107xxxxxx MARK 8 9 A B C 8 9 PRODUCT SERIES XC6111xxxxxx XC6112xxxxxx XC6113xxxxxx XC6114xxxxxx XC6115xxxxxx XC6116xxxxxx XC6117xxxxxx
USP-6C (TOP VIEW)
Represents release delay time MARK RELEASE DELAY TIME A 3.13ms B 25ms C 50ms D 100ms E 200ms F 400ms H 1.6s
PRODUCT SERIES XC61XxAxxxxx XC61XxBxxxxx XC61XxCxxxxx XC61XxDxxxxx XC61XxExxxxx XC61XxFxxxxx XC61XxHxxxxx
Represents watchdog timeout period MARK WATCHDOG TIMEOUT PERIOD 0 XC61X6, XC61X7 series 1 6.25ms 2 50ms 3 100ms 4 200ms 5 400ms 6 1.6s
PRODUCT SERIES XC61Xxx0xxxx XC61Xxx1xxxx XC61Xxx2xxxx XC61Xxx3xxxx XC61Xxx4xxxx XC61Xxx5xxxx XC61Xxx6xxxx
Represents detect voltage MARK DETECT VOLTAGE (V) 3 5 3 0 3.3 5.0
PRODUCT SERIES XC61Xxxx33xx XC61Xxxx50xx
Represents production lot number 0 to 9 and A to Z repeated. (G, I, J, O, Q, W excepted.) * No character inversion used. ** `X' represents both `0' and `1'. (ex. XC61X1 XC6101 and XC6111)
26/27
XC6101 ~ XC6107, XC6111~ XC6117
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
27/27


▲Up To Search▲   

 
Price & Availability of XC610111C016EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X